Part Number Hot Search : 
IRFBF20 32017 250254B SAA6579 53259 SAA1305T PB314006 93C46
Product Description
Full Text Search
 

To Download ECHU1C332MB5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  $esignandspecilcationsaresubjecttochangewithoutnotice !skfactoryfortechnicalspecilcationsbeforepurchaseandor use 7heneveradoubtaboutsafetyarisesfromthisproduct please contactusimmediatelyfortechnicalconsultation &ilm#hip#apacitor film chip capacitor type: echu (b) stacked metallized pps film as dielectric with simple mold-less construction features small in size (minimum size 2.0 ? 1.25mm) 85?c, 85%rh, w.v. ? 1.0 for 500 hours applicable for both flow and reflow soldering recommended applications time-constant filtering oscillation and resonance explanation of part numbers 123456789101112 e c h u product code dielectric & construction rated voltage capacitance b cap. tol. suffix suffix 1c 16vdc 1h 50vdc g 2% j 5% 58mm 9 12mm tape width specifications category temp. range rated voltage capacitance range capacitance tolerance withstand voltage dissipation factor insulation resistance C 55 to + 125?c 16vdc , 50vdc 0.0001 to 0.1 f (e12) 2%(g), 5%(j) between terminals : rated volt. (vdc) ? 175% 1 to 5s < = 0.6% (20?c, 1khz) 16vdc : > = 3000m ? (20?c, 10vdc 60s) 50vdc : > = 3000m ? (20?c, 50vdc 60s) soldering conditions flow soldering : 260?c max. 5sec max. reflow soldering : 260?c max. and 30sec max. at more than 230?c (temp. at cap. surface) construction element (stacked) outer electrode dimensions in mm (not to scale) l 0.2 ( 0.3) w 0.2 h 0.2 0.35 0.20 0.35 0.20 to be applied only for size code e1 & e2 size code j1 2.0 1.25 0.8 j2 2.0 1.25 1.0 h1 3.2 1.6 0.8 h2 3.2 1.6 1.0 h3 3.2 1.6 1.4 g1 3.2 2.5 1.0 g2 3.2 2.5 1.4 g3 3.2 2.5 2.0 e1 4.8 3.3 1.4 e2 4.8 3.3 2.0 lwh not recommended for new designs
$esignandspecilcationsaresubjecttochangewithoutnotice !skfactoryfortechnicalspecilcationsbeforepurchaseandor use 7heneveradoubtaboutsafetyarisesfromthisproduct please contactusimmediatelyfortechnicalconsultation &ilm#hip#apacitor rating, dimensions & quantity/reel cap. (f) 0.0001 0.00012 0.00015 0.00018 0.00022 0.00027 0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 please use 50vdc rating of echu(b) echu1h101 m b5 2.0 1.25 0.8 j1 echu1h121 m b5 2.0 1.25 0.8 j1 echu1h151 m b5 2.0 1.25 0.8 j1 echu1h181 m b5 2.0 1.25 0.8 j1 echu1h221 m b5 2.0 1.25 0.8 j1 echu1h271 m b5 2.0 1.25 0.8 j1 echu1h331 m b5 2.0 1.25 0.8 j1 echu1h391 m b5 2.0 1.25 0.8 j1 echu1h471 m b5 2.0 1.25 0.8 j1 echu1h561 m b5 2.0 1.25 0.8 j1 echu1h681 m b5 2.0 1.25 0.8 j1 echu1h821 m b5 2.0 1.25 0.8 j1 echu1h102 m b5 2.0 1.25 0.8 j1 echu1h122 m b5 2.0 1.25 0.8 j1 echu1h152 m b5 2.0 1.25 0.8 j1 echu1h182 m b5 2.0 1.25 0.8 j1 echu1h222 m b5 2.0 1.25 0.8 j1 echu1h272 m b5 2.0 1.25 0.8 j1 echu1h332 m b5 3.2 1.6 0.8 h1 echu1h392 m b5 3.2 1.6 0.8 h1 echu1h472 m b5 3.2 1.6 0.8 h1 echu1h562 m b5 3.2 1.6 0.8 h1 echu1h682 m b5 3.2 1.6 0.8 h1 echu1h822 m b5 3.2 1.6 1.0 h2 echu1h103 m b5 3.2 1.6 1.0 h2 echu1h123 m b5 3.2 2.5 1.0 g1 echu1h153 m b5 3.2 2.5 1.0 g1 echu1h183 m b5 3.2 2.5 1.4 g2 echu1h223 m b5 3.2 2.5 1.4 g2 echu1h273 m b5 3.2 2.5 1.4 g2 echu1h333 m b5 3.2 2.5 2.0 g3 echu1h393 m b5 3.2 2.5 2.0 g3 echu1h473 m b9 4.8 3.3 1.4 e1 echu1h563 m b9 4.8 3.3 1.4 e1 echu1h683 m b9 4.8 3.3 1.4 e1 echu1h823 m b9 4.8 3.3 2.0 e2 echu1h104 m b9 4.8 3.3 2.0 e2 3000 2000 3000 echu1c332 m b5 2.0 1.25 0.8 j1 echu1c392 m b5 2.0 1.25 0.8 j1 echu1c472 m b5 2.0 1.25 0.8 j1 echu1c562 m b5 2.0 1.25 0.8 j1 echu1c682 m b5 2.0 1.25 0.8 j1 echu1c822 m b5 2.0 1.25 1.0 j2 echu1c103 m b5 2.0 1.25 1.0 j2 echu1c123 m b5 3.2 1.6 0.8 h1 echu1c153 m b5 3.2 1.6 0.8 h1 echu1c183 m b5 3.2 1.6 0.8 h1 echu1c223 m b5 3.2 1.6 0.8 h1 echu1c273 m b5 3.2 1.6 1.0 h2 echu1c333 m b5 3.2 1.6 1.0 h2 echu1c393 m b5 3.2 1.6 1.4 h3 echu1c473 m b5 3.2 1.6 1.4 h3 echu1c563 m b5 3.2 2.5 1.4 g2 echu1c683 m b5 3.2 2.5 1.4 g2 echu1c823 m b5 3.2 2.5 2.0 g3 echu1c104 m b5 3.2 2.5 2.0 g3 3000 2000 rated volt. 16vdc part no. dimensions (mm) lwh code q'ty rated volt. 50vdc part no. dimensions (mm) lwh code q'ty capacitance tolerance code g, j example for land dimensions (mm) land electrode c a b code j1 1.0 2.7 1.1 1.0 2.7 1.1 j2 1.0 2.7 1.1 1.0 2.7 1.1 h1 2.2 3.8 1.4 2.2 3.8 1.4 h2 2.2 3.8 1.4 2.2 3.8 1.4 h3 2.2 3.8 1.4 2.2 3.8 1.4 g1 2.2 3.8 2.3 2.2 3.8 2.3 g2 2.2 3.8 2.3 2.2 3.8 2.3 g3 2.2 3.8 2.3 2.2 3.8 2.3 e1 2.6 6.6 3.0 2.6 6.6 3.0 e2 2.6 6.6 3.0 2.6 6.6 3.0 land dimensions flow soldering reflow soldering abcabc taping specification for automatic insertion(mounting) refer to the pdf file of taping specifications not recommended for new designs


▲Up To Search▲   

 
Price & Availability of ECHU1C332MB5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X